PART |
Description |
Maker |
M80-4C13042F1-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 30 x Small bore signal contacts, 2 x 12 AWG Power contacts 32 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4D10405F2-02-327-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews, 4 x Large bore signal contacts, 2 x 16 AWG Power contacts 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4C10805F1-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 8 x Small bore signal contacts, 2 x 12 AWG Power contacts
|
HARWIN INC
|
M80-4C12005F1-02-327-02-327 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 20 x Small bore signal contacts, 4 x 16 AWG Power contacts
|
HARWIN INC
|
50-84-2122 50-84-2020 50-84-2061 50-84-2091 |
MLX CAP 12CKT WHITE 94V0 4202212C 12 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header Connector,Cable Mnt,PLG/RCP,2 Contacts,PIN/SKT,0.25 Pitch,CRIMP Terminal,POLARIZED LCK RoHS Compliant: Yes 2 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header; No. of Contacts:6; Pitch Spacing:0.25"; No. of Rows:1; Gender:Female; Series:MLX; Body Material:Nylon 6/6 6 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE 9 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc. MOLEX INC
|
M80-4T100F1-66-321 |
Datamate 2-Row Mix-Tek Female Vertical PC Tail Connector, Hexagonal jackscrews, no signal contacts, 12 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
10-01-3046 |
Multipole Connector; Gender:Female; No. of Contacts:4; Series:SPOX; Body Material:Nylon 6/6; No. of Rows:1 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
19418-0007 |
Receptacle assembly; Gender:Female; Number of Contacts:2; Series:MX150L; Color:Black; For Use With:19420; Pitch Spacing:5.84mm; Wire Size (AWG):16-14 2 CONTACT(S), FEMALE, COMBINATION LINE CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
15-24-7247 15-24-7103 15-24-7161 15-24-7183 15-24- |
MiniFit BMI Rec Hdr AssyV-0 24Ckt PhB Au 24 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header; No. of Contacts:10; Pitch Spacing:4.2mm; No. of Rows:2; Series:BMI; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 10 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit BMI Vt Rcpt Hdr Tin V-0 16Ckt 16 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header Connector,PCB Mnt,PLUG,18 Contacts,SKT,0.165 Pitch,PC TAIL Terminal RoHS Compliant: Yes 18 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE A-42385-18D2 V-0 18Ckt 18 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit BMI Vt Rcpt Hdr Au V-0 16Ckt 16 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header Connector,PCB Mnt,PLUG,14 Contacts,SKT,0.165 Pitch,PC TAIL Terminal RoHS Compliant: Yes 14 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Mini-Fit BMI Rec Hdr Assy V-0 24Ckt 15247242 Multipole Connector; Number of Contacts:6; Pitch Spacing:4.2mm; Number of Rows:2; Gender:Header; Series:42385; Body Material:PA Polyamide (Nylon) 6/6; Color:Natural, White; Connecting Termination:Thru-Hole; Contact Material:Brass
|
Molex, Inc. MOLEX INC
|
302W2CSXX99A30X |
D-SUB COMBINATION FEMALE 2W2CS WITHOUT CONTACTS
|
CONEC Elektronische Bau...
|
51065-1300 51065-1000 |
2MM 13CKT RECEPTACLE HOUS 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:10; Series:50165; Body Material:PBT Polyester; No. of Rows:1; Pitch Spacing:0.079" RoHS Compliant: Yes 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
|